Part Number Hot Search : 
03220 MBRF3010 AAT1107 LLBAT43 4120A SMF05C 07A01 STUB022
Product Description
Full Text Search
 

To Download OV02770-H77A-1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  exceptional low-light sensitivity and 1080p high definition video for mainstream security applications ov2770 full hd (1080p) product brief lead free available in a lead-free package omnivision's ov2770 is a native 16:9 high definition (hd) camerachip? sensor that delivers exceptional low-light sensitivity, high dynamic range (hdr), and 1080p hd video. these capabilities make the ov2770 an ideal camera solution for mainstream security and surveillance systems. built on advanced 2.8-micron omnibsi-2? pixel architecture, the sensor can record 1080p hd video at 30 frames per second (fps) in hdr mode. the 1/2.9-inch ov2770 leverages omnivision's in-pixel hdr technology to capture exceptional images and video when recording in high- and low-light environments, a critical benefit for security and surveillance cameras. the ov2770 is available in a 6.5 x 5.7 mm chip scale package (csp). find out more at www.ovt.com.
? ? security and surveillance cameras video applications ? smart home applications ? ? ? ? ? support for image size: - 1920 x 1080 - vga - qvga, and any cropped size high dynamic range high sensitivity low power consumption image sensor processor functions: - lens correction - defective pixel cancelation - hdr combination - automatic black level correction supported output formats: raw horizontal and vertical sub-sampling sccb for register programming high speed serial data transfer with mipi csi-2/lvds parallel 12-bit dvp output external frame synchronization capability embedded temperature sensor one time programmable (otp) memory ? ? ? ? ? ? ? ? product features ? OV02770-H77A-1C (color, lead-free, 77-pin csp) ? ov02770-h77a-mc (color, lead-free, 77-pin csp packed in tray with protective film) ordering information ? ? ? ? ? ? ? ? ? ? active array size: 1920 x 1080 power supply: - analog: 3.14 ~ 3.47v - digital: 1.2 ~ 1.4v - dovdd: 1.7 ~ 1.9v - avdd: 1.7 ~ 1.9v power requirements: - active: 395 mw - software standby: 20 mw temperature range: - operating: -30c to +85c junction temperature output interfaces: up to 4-lane mipi csi-2/lvds, 12-bit dvp input clock frequency: 6 ~ 36 mhz lens size: 1/2.9" lens chief ray angle: 15 scan mode: progressive shutter: rolling shutter ? ? ? ? ? ? ? ? output formats: linear - 12-bit raw, 10-bit compressed raw; single exposure hdr - 16-bit combined raw, 12-bit compressed combined raw, 2x12 bit raw; dual exposure hdr - 16-bit combined raw + 12-bit vs raw, 12-bit compressed combined raw + 12-bit vs raw, 3x12 bit raw, 3x10 bit combined raw, 12-bit (10-bit) raw (hcg or lcg) + 12-bit (10-bit) vs maximum image transfer rate: 30 fps sensitivity: 26200 e - /lux.sec @ 530 nm max s/n ratio: 42.6 db dynamic range: 120 db pixel size: 2.8 m x 2.8 m image area: 5482.35 m x 3202 m package dimensions: 6544 m x 5734 m product specifications v e r s i o n 1 . 0 , o c t o b e r , 2 0 1 7 o m n i v i s i o n r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o t h e i r p r o d u c t s o r t o d i s c o n t i n u e a n y p r o d u c t o r s e r v i c e w i t h o u t f u r t h e r n o t i c e . o m n i v i s i o n a n d t h e o m n i v i s i o n l o g o a r e r e g i s t e r e d t r a d e m a r k s o f o m n i v i s i o n t e c h n o l o g i e s , i n c . c a m e r a c h i p a n d o m n i b s i - 2 a r e t r a d e m a r k s o f o m n i v i s i o n t e c h n o l o g i e s , i n c . a l l o t h e r t r a d e m a r k s a r e t h e p r o p e r t y o f t h e i r r e s p e c t i v e o w n e r s . 4275 burton drive santa clara, ca 95054 usa tel: + 1 408 567 3000 fax: + 1 408 567 3001 www.ovt.com ov2770 functional block diagram o v2770 image sensor core image signal processor output interf ace pll 1 pll 2 o tp sccb interf ace timing gener ator and system control logic mipi l vds d vp fifo mipi/l vds d vp analog gain control column adc (12b) blc, diggain temper ature sensor ro w select image arr ay dpc, lenc, dcg comb tm p wdnb resetb xv clk gpio[1:0} href pclk scl 1.8v 1.3v 3.3v sd a


▲Up To Search▲   

 
Price & Availability of OV02770-H77A-1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X